| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L081CB Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L081CB Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 110 page ![]() Pin descriptions STM32L081xx 38/110 DocID027513 Rev 4 26 - 39 PB3 I/O FT - SPI1_SCK, TIM2_CH2, EVENTOUT, USART1_RTS_DE, USART5_TX COMP2_INM 27 26 40 PB4 I/O FTf - SPI1_MISO, TIM3_CH1, TIM22_CH1, USART1_CTS, USART5_RX, I2C3_SDA COMP2_INP 28 27 41 PB5 I/O FT - SPI1_MOSI, LPTIM1_IN1, I2C1_SMBA, TIM3_CH2/TIM22_CH2, USART1_CK, USART5_CK/USART5_ RTS_DE COMP2_INP 29 28 42 PB6 I/O FTf - USART1_TX, I2C1_SCL, LPTIM1_ETR, COMP2_INP 30 29 43 PB7 I/O FTf - USART1_RX, I2C1_SDA, LPTIM1_IN2, USART4_CTS COMP2_INP, VREF_PVD_IN 31 30 44 BOOT0 I - - - - - 45 PB8 I/O FTf - I2C1_SCL - - - 46 PB9 I/O FTf - EVENTOUT, I2C1_SDA, SPI2_NSS/I2S2_WS - 32 31 47 VSS S - - - -32 48 VDD S - - - 1. UFQFPN32 pinout differs from other STM32 devices except STM32L07xxx and STM32L8xxx. Table 14. STM32L081xxx pin definition (continued) Pin number Pin name (function after reset) Note Alternate functions Additional functions |