Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L052K6 Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce STM32L052K6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052K6 Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button STM32L052K6 Datasheet HTML 44Page - STMicroelectronics STM32L052K6 Datasheet HTML 45Page - STMicroelectronics STM32L052K6 Datasheet HTML 46Page - STMicroelectronics STM32L052K6 Datasheet HTML 47Page - STMicroelectronics STM32L052K6 Datasheet HTML 48Page - STMicroelectronics STM32L052K6 Datasheet HTML 49Page - STMicroelectronics STM32L052K6 Datasheet HTML 50Page - STMicroelectronics STM32L052K6 Datasheet HTML 51Page - STMicroelectronics STM32L052K6 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 136 page
background image
Table 18. Alternate function port B
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
SPI1/SPI2/I2S2/
USART1/
EVENTOUT/
I2C1
LPUART1/LPTIM
/TIM2/SYS_AF/
EVENTOUT
I2C1/TSC
I2C1/TIM22/
EVENTOUT/
LPUART1
SPI2/I2S2/I2C2
I2C2/TIM21/
EVENTOUT
Port B
PB0
EVENTOUT
-
-
TSC_G3_IO2
-
-
-
PB1
-
-
-
TSC_G3_IO3
LPUART1_RTS_
DE
--
PB2
-
-
LPTIM1_OUT
TSC_G3_IO4
-
-
-
PB3
SPI1_SCK
-
TIM2_CH2
TSC_G5I_O1
EVENTOUT
-
-
PB4
SPI1_MISO
-
EVENTOUT
TSC_G5_IO2
TIM22_CH1
-
-
PB5
SPI1_MOSI
-
LPTIM1_IN1
I2C1_SMBA
TIM22_CH2
-
-
PB6
USART1_TX
I2C1_SCL
LPTIM1_ETR
TSC_G5_IO3
-
-
-
PB7
USART1_RX
I2C1_SDA
LPTIM1_IN2
TSC_G5_IO4
-
-
-
PB8
-
-
-
TSC_SYNC
I2C1_SCL
-
-
PB9
-
-
EVENTOUT
-
I2C1_SDA
SPI2_NSS/I2S2_
WS
-
PB10
-
-
TIM2_CH3
TSC_SYNC
LPUART1_TX
SPI2_SCK
I2C2_SCL
PB11
EVENTOUT
-
TIM2_CH4
TSC_G6_IO1
LPUART1_RX
I2C2_SDA
PB12
SPI2_NSS/I2S2_WS
-
LPUART1_RTS_
DE
TSC_G6_IO2
-
I2C2_SMBA
EVENTOUT
PB13
SPI2_SCK/I2S2_CK
-
-
TSC_G6_IO3
LPUART1_CTS
I2C2_SCL
TIM21_CH1
PB14
SPI2_MISO/I2S2_MCK
-
RTC_OUT
TSC_G6_IO4
LPUART1_RTS_
DE
I2C2_SDA
TIM21_CH2
PB15
SPI2_MOSI/I2S2_SD
-
RTC_REFIN
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More