Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L052C6 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STM32L052C6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052C6 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STM32L052C6 Datasheet HTML 41Page - STMicroelectronics STM32L052C6 Datasheet HTML 42Page - STMicroelectronics STM32L052C6 Datasheet HTML 43Page - STMicroelectronics STM32L052C6 Datasheet HTML 44Page - STMicroelectronics STM32L052C6 Datasheet HTML 45Page - STMicroelectronics STM32L052C6 Datasheet HTML 46Page - STMicroelectronics STM32L052C6 Datasheet HTML 47Page - STMicroelectronics STM32L052C6 Datasheet HTML 48Page - STMicroelectronics STM32L052C6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 136 page
background image
DocID025936 Rev 6
45/136
STM32L052x6 STM32L052x8
50
--
-
-
40
D8
PC9
I/O
FT
-
TIM21_ETR,
USB_OE,
TSC_G8_IO4
-
18
18
E1
29
41
D7
PA8
I/O
FT
-
MCO,
USB_CRS_SYNC,
EVENTOUT,
USART1_CK
-
19
19
D1
30
42
C7
PA9
I/O
FT
-
MCO, TSC_G4_IO1,
USART1_TX
-
20
20
C1
31
43
C6
PA10
I/O
FT
-
TSC_G4_IO2,
USART1_RX
-
21
21
C2
32
44
C8
PA11(3)
I/O
FT
-
SPI1_MISO,
EVENTOUT,
TSC_G4_IO3,
USART1_CTS,
COMP1_OUT
USB_DM
22
22
B1
33
45
B8
PA12(3)
I/O
FT
-
SPI1_MOSI,
EVENTOUT,
TSC_G4_IO4,
USART1_RTS_DE,
COMP2_OUT
USB_DP
23
23
A1
34
46
A8
PA13
I/O
FT
-
SWDIO, USB_OE
-
-
-
-
35
47
D5
VSS
S
-
-
-
-
-
-
-
36
48
E6
VDD_USB
S
-
-
-
-
24
24
B2
37
49
A7
PA14
I/O
FT
-
SWCLK, USART2_TX
-
25
25
A2
38
50
A6
PA15
I/O
FT
-
SPI1_NSS,
TIM2_ETR,
EVENTOUT,
USART2_RX,
TIM2_CH1
-
-
-
-
-
51
B7
PC10
I/O
FT
-
LPUART1_TX
-
-
-
-
-
52
B6
PC11
I/O
FT
-
LPUART1_RX
-
-
-
-
-
53
C5
PC12
I/O
FT
-
-
-
Table 16. STM32L052x6/8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More