Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L011D4 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce STM32L011D4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011D4 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button STM32L011D4 Datasheet HTML 35Page - STMicroelectronics STM32L011D4 Datasheet HTML 36Page - STMicroelectronics STM32L011D4 Datasheet HTML 37Page - STMicroelectronics STM32L011D4 Datasheet HTML 38Page - STMicroelectronics STM32L011D4 Datasheet HTML 39Page - STMicroelectronics STM32L011D4 Datasheet HTML 40Page - STMicroelectronics STM32L011D4 Datasheet HTML 41Page - STMicroelectronics STM32L011D4 Datasheet HTML 42Page - STMicroelectronics STM32L011D4 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
Pin descriptions
STM32L011x3/4
39/115
DocID027973 Rev 4
12
15
18
20
20
20
C2
PA10
I/O
FTf
-
TIM21_CH1,
I2C1_SDA,
RTC_REFIN,
USART2_RX,
TIM2_CH3,
COMP1_OUT
-
----
21
21
-
PA11
I/O
FT
-
SPI1_MISO,
LPTIM1_OUT,
EVENTOUT,
USART2_CTS,
TIM21_CH2,
COMP1_OUT
-
----
22
22
-
PA12
I/O
FT
-
SPI1_MOSI,
EVENTOUT,
USART2_RTS,
COMP2_OUT
-
13
16
19
21
23
23
A1
PA13
I/O
FTf
-
SWDIO,
LPTIM1_ETR,
I2C1_SDA,
SPI1_SCK,
LPUART1_RX,
COMP1_OUT
-
14
17
20
22
24
24
A2
PA14
I/O
FT
-
SWCLK,
LPTIM1_OUT,
I2C1_SMBA,
USART2_TX,
SPI1_MISO,
LPUART1_TX,
COMP2_OUT
-
-
-
-
23
25
25
-
PA15
I/O
FT
-
SPI1_NSS,
TIM2_ETR,
EVENTOUT,
USART2_RX,
TIM2_CH1
-
-
-
-
24
26
26
B2
PB3
I/O
FT
-
SPI1_SCK,
TIM2_CH2,
EVENTOUT
COMP2_INM
-
-
-
25
27
27
-
PB4
I/O
FT
-
SPI1_MISO,
EVENTOUT
COMP2_INP
Table 13. Pin definitions (continued)
Pin number
Pin name
(function
after reset)
Notes
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More