Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L031X4 Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce STM32L031X4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031X4 Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button STM32L031X4 Datasheet HTML 38Page - STMicroelectronics STM32L031X4 Datasheet HTML 39Page - STMicroelectronics STM32L031X4 Datasheet HTML 40Page - STMicroelectronics STM32L031X4 Datasheet HTML 41Page - STMicroelectronics STM32L031X4 Datasheet HTML 42Page - STMicroelectronics STM32L031X4 Datasheet HTML 43Page - STMicroelectronics STM32L031X4 Datasheet HTML 44Page - STMicroelectronics STM32L031X4 Datasheet HTML 45Page - STMicroelectronics STM32L031X4 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 118 page
background image
Pin descriptions
STM32L031x4/6
42/118
DocID027063 Rev 4
-
-
-
---
35
VSS
S
-
-
-
-
-
D1
-
---
36
VDD
S
-
-
-
-
20
A2
22
22
24
24
37
PA14
I/O
FT
-
SWCLK,
LPTIM1_OUT,
I2C1_SMBA,
USART2_TX,
LPUART1_TX
-
-
-
23
23
25
25
38
PA15
I/O
FT
-
SPI1_NSS,
TIM2_ETR,
EVENTOUT,
USART2_RX,
TIM2_CH1
--
-
B2
24
24
26
26
39
PB3
I/O
FT
-
SPI1_SCK,
TIM2_CH2,
EVENTOUT
COMP2_INN
-
-
-
25
27
27
40
PB4
I/O
FT
-
SPI1_MISO,
EVENTOUT,
TIM22_CH1
COMP2_INP
-
-
-
26
28
28
41
PB5
I/O
FT
-
SPI1_MOSI,
LPTIM1_IN1,
I2C1_SMBA,
TIM22_CH2
COMP2_INP
-
A3
25
27
29
29
42
PB6
I/O
FTf
-
USART2_TX,
I2C1_SCL,
LPTIM1_ETR,
TIM21_CH1
COMP2_INP
-
A4
26
28
30
30
43
PB7
I/O
FTf
-
USART2_RX,
I2C1_SDA,
LPTIM1_IN2
COMP2_INP,
VREF_PVD_IN
Table 15. Pin definitions (continued)
Pin Number
Pin name
(function
after reset)
Pin
type
Note
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More