Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

831752 Fiches technique(PDF) 16 Page - Integrated Device Technology

No de pièce 831752
Description  Clock Switch for ATCA/AMC and PCIe Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

831752 Fiches technique(HTML) 16 Page - Integrated Device Technology

Back Button 831752 Datasheet HTML 10Page - Integrated Device Technology 831752 Datasheet HTML 11Page - Integrated Device Technology 831752 Datasheet HTML 12Page - Integrated Device Technology 831752 Datasheet HTML 13Page - Integrated Device Technology 831752 Datasheet HTML 14Page - Integrated Device Technology 831752 Datasheet HTML 15Page - Integrated Device Technology 831752 Datasheet HTML 16Page - Integrated Device Technology 831752 Datasheet HTML 17Page - Integrated Device Technology 831752 Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
©2016 Integrated Device Technology, Inc
Revision B June 28, 2016
831752 Data Sheet
Ordering Information
Table 9. Ordering Information
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
831752AGILF
31752AIL
Lead-Free, 16-lead TSSOP
Tube
-40
C to 85C
831752AGILFT
31752AIL
Lead-Free, 16-lead TSSOP
Tape & Reel
-40
C to 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18