Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

83918 Fiches technique(PDF) 13 Page - Integrated Device Technology

No de pièce 83918
Description  Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

83918 Fiches technique(HTML) 13 Page - Integrated Device Technology

Back Button 83918 Datasheet HTML 9Page - Integrated Device Technology 83918 Datasheet HTML 10Page - Integrated Device Technology 83918 Datasheet HTML 11Page - Integrated Device Technology 83918 Datasheet HTML 12Page - Integrated Device Technology 83918 Datasheet HTML 13Page - Integrated Device Technology 83918 Datasheet HTML 14Page - Integrated Device Technology 83918 Datasheet HTML 15Page - Integrated Device Technology 83918 Datasheet HTML 16Page - Integrated Device Technology 83918 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
©2016 Integrated Device Technology, Inc
Revision B March 17, 2016
83918 Data Sheet
Recommendations for Unused Input and Output Pins
Inputs:
Crystal Inputs
For applications not requiring the use of the crystal oscillator input,
both XTAL_IN and XTAL_OUT can be left floating. Though not
required, but for additional protection, a 1k
 resistor can be tied
from XTAL_IN to ground.
LVCMOS_CLK Input
For applications not requiring the use of a clock input, it can be left
floating. Though not required, but for additional protection, a 1k
resistor can be tied from the LVCMOS_CLK to ground.
LVCMOS Control Pin
The control pin has an internal pulldown; additional resistance is not
required but can be added for additional protection. A 1k
 resistor
can be used.
Outputs:
LVCMOS Outputs
All unused LVCMOS outputs can be left floating. We recommend
that there is no trace attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19