Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UG6KB05A Fiches technique(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

No de pièce UG6KB05A
Description  SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYELEC [DIYI Electronic Technology Co., Ltd.]
Site Internet  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UG6KB05A Fiches technique(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  UG6KB05A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UG6KB05A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0
B100A
B80A
B60A
B40A
B20A
B10A
B05A
UG6KB05 THRU UG6KB100
A
A
version: 01
1.1
Forward Voltage per element @IF=6.0A
120
Mechanical Data
SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Features
UNIT
V
A
V
uA
5.0
500
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1 of 2
www.dyelec.com
Peak Repetitive Reverse
Voltage Working Peak Reverse
Voltage DC Blocking Voltage
Terminal: Plated leads solderable
per MIL-STD 202,Method 208
Case: D3K,molded plastic
·
Polarity: As Marked on case
·
Mounting Position:Any
·
·
Marking: Type Number
·
Lead Free: For RoHS/Lead Free Version
·
TYPE NUMBER
SYMBOL
6.0
A
V
Operating and Storage Temperature Range
-55 to +150
Typical thermal resistance per leg(Note 2)
/W
55
pF
21
Typical Juntion Capacitance per leg
15
High surge current capability
Designed for surface mount application
·
Glass passivated die construction
High current capability
Plastic material-UL flammability 94V-0
Low forward voltage drop
VFM
Io
IFSM
VRRM
VRWM
VDC
VRMS
TJ,TSTG
RθJA
RθJL
CJ
IR
·
·
·
·
·
RMS Reverse Voltage
Maximum DC reverse current at TA=25℃
rated DC blocking voltage per leg TA=125℃
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
D3K
Dimiensions in inches and (milimeters)
.325(0.825)
0.341(8.65)
.016(0.4)
.024(0.6)
UG6K UG6K UG6K UG6K UG6K UG6K UG6K
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
=140
Average Rectified
Without heat sink
With heat sink
Output Current
A
=30
@TA
@T
Note:1. Measured at 1.0 MHZ and applied reverse voltage of 4.0VD.C.


Numéro de pièce similaire - UG6KB05A

FabricantNo de pièceFiches techniqueDescription
logo
DIYI Electronic Technol...
UG6KB05A DYELEC-UG6KB05A Datasheet
1,023Kb / 3P
SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG6KB05A DYELEC-UG6KB05A_17 Datasheet
1,023Kb / 3P
SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results

Description similaire - UG6KB05A

FabricantNo de pièceFiches techniqueDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
DIYI Electronic Technol...
UG6KB05 DYELEC-UG6KB05 Datasheet
411Kb / 2P
SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG6KB05 DYELEC-UG6KB05_17 Datasheet
931Kb / 3P
SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG6KB05A DYELEC-UG6KB05A_17 Datasheet
1,023Kb / 3P
SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBU6005 SECOS-GBU6005_15 Datasheet
278Kb / 2P
6.0Amp Glass Passivated Bridge Rectifiers
logo
SMC Diode Solutions Co....
HBS602 SMCDIODE-HBS602 Datasheet
562Kb / 5P
Glass Passivated Single-Phase 6.0Amp Surface Mount Bridge Rectifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com