Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REF3312 Fiches technique(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
No de pièce REF3312
Description  SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

REF3312 Fiches technique(HTML) 27 Page - Texas Instruments

Back Button REF3312 Datasheet HTML 23Page - Texas Instruments REF3312 Datasheet HTML 24Page - Texas Instruments REF3312 Datasheet HTML 25Page - Texas Instruments REF3312 Datasheet HTML 26Page - Texas Instruments REF3312 Datasheet HTML 27Page - Texas Instruments REF3312 Datasheet HTML 28Page - Texas Instruments REF3312 Datasheet HTML 29Page - Texas Instruments REF3312 Datasheet HTML 30Page - Texas Instruments REF3312 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REF3330AIDBZT
SOT-23
DBZ
3
250
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3330AIDCKR
SC70
DCK
3
3000
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3330AIDCKT
SC70
DCK
3
250
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3330AIRSER
UQFN
RSE
8
5000
180.0
9.5
1.7
1.7
0.75
4.0
8.0
Q2
REF3333AIDBZR
SOT-23
DBZ
3
3000
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3333AIDBZT
SOT-23
DBZ
3
250
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3333AIDCKR
SC70
DCK
3
3000
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3333AIDCKT
SC70
DCK
3
250
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
REF3312AIDBZR
SOT-23
DBZ
3
3000
195.0
200.0
45.0
REF3312AIDBZT
SOT-23
DBZ
3
250
195.0
200.0
45.0
REF3312AIDCKR
SC70
DCK
3
3000
195.0
200.0
45.0
REF3312AIDCKT
SC70
DCK
3
250
195.0
200.0
45.0
REF3318AIDBZR
SOT-23
DBZ
3
3000
195.0
200.0
45.0
REF3318AIDBZT
SOT-23
DBZ
3
250
195.0
200.0
45.0
REF3318AIDCKR
SC70
DCK
3
3000
195.0
200.0
45.0
REF3318AIDCKT
SC70
DCK
3
250
195.0
200.0
45.0
REF3320AIDBZR
SOT-23
DBZ
3
3000
195.0
200.0
45.0
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Nov-2015
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35