Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC58P01YV Fiches technique(PDF) 3 Page - Micrel Semiconductor

No de pièce MIC58P01YV
Description  8-Bit Parallel-Input Protected Latched Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC58P01YV Fiches technique(HTML) 3 Page - Micrel Semiconductor

  MIC58P01YV Datasheet HTML 1Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 2Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 3Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 4Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 5Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 6Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 7Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 8Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC58P01
Typical Input
Pin Description
Pin Number
(PLCC)
Pin Number
(SOIC)
Pin Name
Pin Function
1
2
CLEAR
Resets all Latches and turns all outputs OFF (open).
3
3
STROBE
Input Strobe Pin. Loads output latches when High.
5 – 12
4 – 11
INN
Parallel Inputs, 1 through 8.
15
1, 12
GROUND
Logic and Output Ground pin.
17
13
COMMON
Transient suppression diode common cathode pin.
18 – 25
14 – 21
OUTN
Parallel Outputs, 8 through 1.
27
22
VDD
Logic Supply voltage.
28
23
OUTPUT
ENABLE /
RESET
When Low, Outputs are active. When High, outputs are inactive and
device is reset from a fault condition. An undervoltage condition
emulates a high OE output.
June 5, 2015
3
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11