| Moteur de recherche de fiches techniques de composants électroniques |
|
L201 Fiches technique(PDF) 3 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
L201 Fiches technique(HTML) 3 Page - C&K Components |
|
3 / 6 page ![]() I I–21 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com L Series Miniature Slide Switches DETENT MOUNTING STYLE MA RIGHT ANGLE, PC THRU-HOLE 2 WITHOUT DETENT 1 WITH DETENT MS PC THRU-HOLE, 2 POSITION MODELS L203011MS02Q DP3T L202021MA04Q Horizontal Actuation DPDT Standard with all maintained models: L101, L102, L103, L104, L113, L201, L202, L203 and L204. Standard with all momentary models: L112, L123, and L212. AVAILABLE WITH: Models: L101, L102, L112, L103, L113 L123, L201, L202, L203, L104 and L204 Terminations: 02, 06, 10 and 12 Actuators: 01, 02, 03, 05, 11 and 12 PC MOUNTING For mounting information, see TERMINATIONS section, page I-23. Splash caps are available separately and reusable, see page I-24. AVAILABLE WITH: Models: L103, L201, L202, L113 and L123 Terminations: 04 Actuators: 02 and 12 PC MOUNTING For mounting information, see TERMINATIONS section, page I-23. Splash caps are available separately and reusable, see page I-24. .425 (10,79) .752 (19,10) .150 TRAVEL (3,81) .125 TYP (3,18) .200 (5,08) .200 (5,08) .070 TYP (1,78) .221 TYP (5,61) .181 TYP (4,60) .288 (7,32) .050 X .020 TYP (1,27) X (0,51) .225 TYP (5,71) TERMINAL NOS. FOR REFERENCE ONLY 6 5 4 3 2 1.181 TYP (4,60) .065 DIA (1,65) TYP .225 TYP (5,70) .400 (10,16) 0.941 (23,90) .335 (8,51) .412 (10,46) .100 TYP (2,54) 4 3 2 1 0.125 (3,18) .200 (5,08) .140 (4,06) TRAVEL .215 (5,46) .256 (6,50) .100 TYP (2,54) .181 TYP (4,60) 4 3 2 1 TERM. NOS. FOR REFERENCE ONLY .425 (10,79) 1.122 (28,50) .170 TRAVEL (4,32) TYP .200 (5,08) .070 TYP (1,78) .050 TYP (1,27) .181 TYP (4,60) .288 (7,32) .050 X .020 TYP (1,27) X (0,51) .225 TYP (5,71) TERMINAL NOS. FOR REFERENCE ONLY 5 4 3 2 1 .181 TYP (4,60) .065 DIA (1,65) TYP .225 TYP (5,70) .232 TYP (5,89) 10 9 8 7 6 RIGHT ANGLE, PC, SP-3 POSITION MODELS PC THRU HOLE, 4 POSITION MODELS PC THRU-HOLE, 3 POSITION MODELS |