| Moteur de recherche de fiches techniques de composants électroniques |
|
CCM01MK5 Fiches technique(PDF) 3 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
CCM01MK5 Fiches technique(HTML) 3 Page - C&K Components |
|
3 / 3 page ![]() C C Pick & place area 13 10x 1,2 0,2 9,25 15,65 0 2x 2+0,1 0 0,1 9,51 10,81 19 3,5 7,5 6x 1,5 Metallized holes 0,1 5 ( 31,8 ) ( 56,25 ) 57 0,1 7,62 44,45 A 54,2 Card entry Card stop Card entry 2,65 0,2 0,2 20 38,88 2,88 2x 1,3 4 8,89 2,54 10x 0,7 0,3 A B 5,08 2,54 RECOMMENDED PC BOARD LAYOUT ( component side ) C1 C5 C2 C6 C3 C7 C4 C8 SW1 SW2 7x 6 ESD Contacts A B C DE F See note 8 SECTION C-C SEE DETAIL Q DETAIL Q SCALE 5 2 CCM01-2523 LFT T25 Plastic cover, long tails, metal pegs C C Pick & place area 13 10x 1,2 0,2 9,25 15,65 0 2x 2 +0,1 0 0,1 9,51 10,81 19 2x 3 0,2 17,5 19,5 2x 1,5 57 0,1 1,2 Card stop 44,45 7,62 A 54,2 Card entry 0,2 20 ( 56,25 ) ( 32,1 ) Card entry 2,35 0,2 3,36 8,89 2,54 10x 0,7 0,3 A B 5,08 2,54 RECOMMENDED PC BOARD LAYOUT ( component side ) C1 C5 C2 C6 C3 C7 C4 C8 SW1 SW2 7x SECTION C-C SEE DETAIL Q DETAIL Q SCALE 5 2 CCM01-2614 LFT T25 Metal cover, long tails, no ESD protection 11 Dimensions are shown in mm Specifications and dimensions subject to change www.ck-components.com CCM01 MK5 Series |