Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP Fiches technique(PDF) 5 Page - C&K Components

No de pièce AP
Description  Industrial Pushbutton Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

AP Fiches technique(HTML) 5 Page - C&K Components

  AP Datasheet HTML 1Page - C&K Components AP Datasheet HTML 2Page - C&K Components AP Datasheet HTML 3Page - C&K Components AP Datasheet HTML 4Page - C&K Components AP Datasheet HTML 5Page - C&K Components AP Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
A-112
Dimensions
are shown: mm (inches)
Specifications and dimensions subject to
change
www.ck-components.com
A
Third Angle
Projection
ø17.25
0.77
13.82
AP Series
Industrial Pushbutton Switch
HARDWARE
Third Angle
Projection
LOCK WASHER
Part Number 647D00000
15.90
2.40
ø15.90
REF
18.36
M13 X 1.25-6H
CONTACT MATERIAL
TERMINAL SEAL
B GOLD
E EPOXY
All models are epoxy sealed
OPTION
CODE
CONTACT MATERIAL
B
Gold
HEX NUT
Part number 515D00000
A
A
0.56 REF
2 X ø 14.60
2 X ø 16.30
ø 17.00
ø 13.80
0.30
4X 0.13
4X R 0.13 REF
See Detail A
Detail A
Scale 15:1
PANEL SEAL
Part Number 655D00000
Caps available on next page



Html Pages

1 2 3 4 5 6