Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBP2005G Fiches technique(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

No de pièce KBP2005G
Description  SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYELEC [DIYI Electronic Technology Co., Ltd.]
Site Internet  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

KBP2005G Fiches technique(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  KBP2005G Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. KBP2005G Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
210G
208G
206G
204G
202G
20 G
2005G
05
version:01
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE REC
ee: For RoHS / Lead Free Version
SYMBOL
VRRM
VRWM
VDC
VRMS
VFM
RθJA
RθJL
TJ,TSTG
RMS Reverse Voltage
-55to+150
5.0
500
A
Forward Voltage per element
@IF=2.0A
IO
IR
IFSM
60
2.0
A
1.1
V
uA
1 of 2
www.dyelec.com
Typical Thermal Resistance per leg (Note 2)
8
25
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C..
Operating and Storage Temperature Range
℃/W
Average Rectified Output Current (Note 1)
@TA=
50 ℃
Peak Repetitive Reverse Voltage
W orking Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
Peak Reverse Current
@TA=25℃
At Rated DC Blocking Voltage
@TA=125℃
V
V
Mechanical Data
TYPE NUMBER
· Case: KBP, molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
· Polarity: as marked on case
Single Phase, half wave, 60Hz, resistive or inductive load.
· Mounting position: Any
UNITS
For capacitive load, derate current by 20%.
· High surge current capability
· Plastic material-UL flammability 94V-
0
Rating at 25℃ ambient temperature unless otherwise specified.
KBP20
THRU KBP210G
TIFIER
FIER
Features
Maximum Ratings and Electrical Characteristics
· Glass passivated die construction
· Low forward voltage drop
· Marking: type number
· Lead Fr
· High current capability
(
)
0.144(3.65)
0.043(1.1)
0.581(14.75)
0.561(14.25)
0.402(10.2)
0.417(10.6)
0.087(2.2)
0.071(1.8)
0.563(14.3)
0.583(14.8)
0.056(1.42)
0.048(1.22)
0.16(4.06)
0.14(3.56)
0.034(0.86)
0.031(0.8)
0.132(3.35)
0.022(0.55)
0.012(0.3)
0.03(0.76)
KBP
Dimensions in inches and millimeters
G
35
50
700
560
420
280
140
70
600
400
KBP
1
KBP
KBP
KBP
KBP
KBP
1000
800
200
100
KBP


Numéro de pièce similaire - KBP2005G

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G Datasheet
52Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. F-2
KBP2005G DIODES-KBP2005G Datasheet
75Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. 10 - 2
logo
SeCoS Halbleitertechnol...
KBP2005G SECOS-KBP2005G Datasheet
157Kb / 2P
VOLTAGE 50V ~ 1000V 2 AMP Bridge Rectifiers
logo
Compact Technology Corp...
KBP2005G CTC-KBP2005G Datasheet
53Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Description similaire - KBP2005G

FabricantNo de pièceFiches techniqueDescription
logo
Sangdest Microelectroni...
KBP2005G SMC-KBP2005G Datasheet
158Kb / 4P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
KBP2005 DYELEC-KBP2005 Datasheet
192Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05G DYELEC-UG2KB05G Datasheet
433Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05A DYELEC-UG2KB05A Datasheet
433Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05 DYELEC-UG2KB05 Datasheet
442Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
RDB201 DYELEC-RDB201_17 Datasheet
2Mb / 3P
SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB201S DYELEC-RDB201S_17 Datasheet
2Mb / 3P
SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05 DYELEC-UG2KB05_17 Datasheet
1Mb / 3P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KBP2005G SMCDIODE-KBP2005G_V01 Datasheet
403Kb / 5P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
KBP2005G SMCDIODE-KBP2005G Datasheet
403Kb / 5P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com