Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2685MTC Fiches technique(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2685MTC
Description  Dual Output Regulated Switched Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2685MTC Fiches technique(HTML) 8 Page - National Semiconductor (TI)

  LM2685MTC Datasheet HTML 1Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 2Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 3Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 4Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 5Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 6Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 7Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 8Page - National Semiconductor (TI) LM2685MTC Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Application Information (Continued)
Inverter External Capacitors
As discussed in the +5 LDO Regulator External Capacitors section, the output resistance and ripple voltage are dependent on the
capacitance and ESR values of the external capacitors. A minimum of 1µF capacitor with good tolerance over temperature for ca-
pacitance and ESR values. The capacitance value can be increased without limit while still maintain high low ESR value. 2.2µF
capacitors are recommended for the two external capacitors, C
2 and C5 of the inverter.
DS101100-26
FIGURE 5. ESR Curve for C
OUT = 4.7µF
DS101100-27
FIGURE 6. ESR Curve for C
OUT =10µF
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9