Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4429P Fiches technique(PDF) 6 Page - Calogic, LLC

No de pièce AS4429P
Description  The AS4420 and AS4429 family operate over 4.5V to 18V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALOGIC [Calogic, LLC]
Site Internet  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

AS4429P Fiches technique(HTML) 6 Page - Calogic, LLC

  AS4429P Datasheet HTML 1Page - Calogic, LLC AS4429P Datasheet HTML 2Page - Calogic, LLC AS4429P Datasheet HTML 3Page - Calogic, LLC AS4429P Datasheet HTML 4Page - Calogic, LLC AS4429P Datasheet HTML 5Page - Calogic, LLC AS4429P Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CALOGIC LLC, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
V
DD
OUT
OUT
GND
IN
V
DD
GND
GND
200
4
3
LOAD = 2200pF
160
120 INPUT 2.4V
2
INPUT 3V
80
INPUT 5V
1
40
INPUT 8V AND 10V
0
0
VDD (V )
1A-24
SUPPLY VOLTAGE (V)
1A-25
TYPICAL CHARACTERISTICS CURVES (Cont.)
5 6 7 8 9 10 11 12 13 14 15
EFFECT OF INPUT AMPLITUDE
ON PROPAGATION DELAY
* The values on this graph represent the loss
seen by the driver during one complete cycle.
For a single transition, divide the value by 2.
5 6 7 8 9 10 11 12 1 3 14 1 5
TOTAL nA•S CROSSOVER*
AS4420 / AS4429
LLC
DIE SIZE 76x77 (mm)



Html Pages

1 2 3 4 5 6