| Moteur de recherche de fiches techniques de composants électroniques |
|
GL600USB-A Fiches technique(PDF) 25 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL600USB-A Fiches technique(HTML) 25 Page - List of Unclassifed Manufacturers |
|
25 / 38 page ![]() 25 06/19/2000 GL600USB/GL600USB-A/GL600USB-B Revision 1.3 5.2 Suspend/Resume/Wakeup SUSPD = 1 Set PWRDN bit to enter power down mode Wa it for resume or wakeup RESUME = 1 W rite '1' to clear SUSPD W rite '1' to clear RESUME Check remote wakeup event like mouse button pressed or mouse moved Suspend & wakeup process complete Remote wakeup event occur ? Yes No No Set WAKE b it to drive 'K' state on USB Yes Delay about 1 ms to clear WAKE bit |