Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SDM4953 Fiches technique(PDF) 2 Page - SamHop Microelectronics Corp.

No de pièce SDM4953
Description  Dual P -Channel E nhancement Mode F ield E ffect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDM4953 Fiches technique(HTML) 2 Page - SamHop Microelectronics Corp.

  SDM4953 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDM4953 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDM4953 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDM4953 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDM4953 Datasheet HTML 5Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S DM4953
E LE CTR ICAL CHAR ACTE R IS TICS (TA 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID -250uA
=
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS -24V, VGS 0V
=
=
-1
uA
Gate-Body Leakage
IGSS
VGS
20V, VDS 0V
=
=
nA
ON CHAR ACTER ISTICS b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = -250uA
=
-1
-1.5
-3
V
Drain-Source On-State R esistance
R DS(ON)
VGS -10V, ID -4.9A
43
VGS -4.5V, ID -3.6A
70
On-State Drain Current
ID(ON)
VDS = -5V, VGS = -10V
-20
9
A
S
Forward Transconductance
FS
g
VDS -15V, ID - 4.9A
DYNAMIC CHAR ACTER ISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =-15V, VGS = 0V
f =1.0MHZ
860
P
F
470
P
F
P
F
180
SWITCHING CHAR ACTER ISTICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VD = -15V,
RL =15 ohm
ID = -1A,
VGEN = -10V,
RGEN =6 ohm
9
20
ns
ns
ns
ns
10
40
37
90
23
110
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =-15V, ID = - 4.9A,
VGS =-10V
15
nC
nC
nC
3
4
C
Fall Time
=
=
=
=
=
=
2
m-ohm
m-ohm
100
53
95
20
nC
VDS=-15V,ID =-4.9A,VGS=-10V
VDS=-15V,ID =-4.9A,VGS=-4.5V
8.9
10.7



Html Pages

1 2 3 4 5