| Moteur de recherche de fiches techniques de composants électroniques |
|
EB2-4.5SNUH-R Fiches technique(PDF) 7 Page - NEC |
|
|
|||||||||||||||||||||||||||||
EB2-4.5SNUH-R Fiches technique(HTML) 7 Page - NEC |
|
7 / 8 page ![]() 7 EB2 SERIES DATA SHEET ER0016EJ5V0DS00 SOLDERING CONDITION Time Time T max.; 215 T max.; 235 200 max. 165 max. 100 max. 200 IRS Method VPS Method Note: 1. Temperature profile shows printed circuit board surface temperature on the relay terminal portion. 2. Check the actual soldering condition to use other method except above mentioned temperature profiles. 175 150 60sec.max. 90 sec. max. 60 sec. 200 sec. 80 sec. 30 sec. TUBE PACKAGE Rubber stopper (Red) Rubber stopper (Green) Index Mark 586 ±1 ( ) Reference Outline of Package Dimension of Package (Unit : mm) 40 pieces / Tube Material : Polyvinyl chloride (anti-static treated) 13.7 ± 0.3 (4.5) |