Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP19035T-AAAAE/MF Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce MCP19035T-AAAAE/MF
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035T-AAAAE/MF Fiches technique(HTML) 12 Page - Microchip Technology

Back Button MCP19035T-AAAAE/MF Datasheet HTML 8Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 9Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 10Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 11Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 12Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 13Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 14Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 15Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
MCP19035
DS22326B-page 12
 2012-2013 Microchip Technology Inc.
3.9
Switching Node Pin (PHASE)
This pin provides a return path for the high-side gate
driver. It also provides a path for the charging of the
BOOT capacitor, used while turning on the high-side
MOSFET. This pin also senses the switching transition
to eliminate cross conduction (shoot-through).
3.10
Upper Gate Drive Pin (HDRV)
This pin is the high-side N-channel MOSFET (control
transistor) gate drive output. The HDRV drive is
capable of sourcing and sinking 1A.
3.11
Exposed Thermal Pad (EP)
Analog ground and power ground are both connected
to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44