Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DPS310 Fiches technique(PDF) 11 Page - Infineon Technologies AG

No de pièce DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Fiches technique(HTML) 11 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 7Page - Infineon Technologies AG DPS310 Datasheet HTML 8Page - Infineon Technologies AG DPS310 Datasheet HTML 9Page - Infineon Technologies AG DPS310 Datasheet HTML 10Page - Infineon Technologies AG DPS310 Datasheet HTML 11Page - Infineon Technologies AG DPS310 Datasheet HTML 12Page - Infineon Technologies AG DPS310 Datasheet HTML 13Page - Infineon Technologies AG DPS310 Datasheet HTML 14Page - Infineon Technologies AG DPS310 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Figure 3
Mode transition diagram
4.3
Start-up sequence
The start-up sequence is shown below. This diagram shows when the registers are accessible for read and/or
write and also when the Pressure/Temperature measurements can start.
Figure 4
Start-up sequence
4.4
Measurement Precision and Rate
Different applications require different measurement precision and measurement rates. Some applications,
such as weather stations, require lower precision and measurement rates than for instance indoor navigation
and sports applications.
When the DPS310 is in Background Mode, the measurement precision and rate can be configured to match the
requirements of the application. This reduces current consumption of the sensor and the system.
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Functional Description
11
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41