| Moteur de recherche de fiches techniques de composants électroniques |
|
IPSAT Fiches technique(PDF) 2 Page - Cynergy3 Co |
|
|
|||||||||||||||||||||||||||||
IPSAT Fiches technique(HTML) 2 Page - Cynergy3 Co |
|
2 / 2 page ![]() www.cynergy3.com © 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited. Cynergy3 Components Ltd. 7 Cobham Road Ferndown Industrial Estate Wimborne, Dorset 21 7 BH PE Telephone +44 (0) 1202 897969 Email:sales@cynergy3.com ISO 9001 CERTIFIED Mechanical Dimensions IPSAT Series In Pressure Transducer trinsically Safe Part Number Pressure Rating IPSAT-G1000-5 0 - 1 Bar G IPSAT-G6000-5 0 - 6 Bar G IPSAT-GM1P9-5 -1 to +9 Bar G IPSAT-G1002-5 0 - 10 Bar G IPSAT-G1602-5 0 - 16 bar G IPSAT-C0184-5 -1 to +24 Bar G IPSAT-G2502-5 0 - 25 Bar G IPSAT-G4002-5 0 - 40 Bar G IPSAT-G1003-5 0 - 100 Bar G IPSAT-G2503-5 0 - 250 Bar G IPSAT-G4003-5 0 - 400 Bar G |