Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP73831-2ACI/MC Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce MCP73831-2ACI/MC
Description  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831-2ACI/MC Fiches technique(HTML) 19 Page - Microchip Technology

Back Button MCP73831-2ACI/MC Datasheet HTML 15Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 16Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 17Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 18Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 19Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 20Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 21Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 22Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
 2005-2014 Microchip Technology Inc.
DS20001984G-page 19
MCP73831/2
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Example
AAE
739
25
Device
Code
MCP73831T-2ACI/MC
AAE
MCP73831T-2ATI/MC
AAF
MCP73831T-2DCI/MC
AAG
MCP73831T-3ACI/MC
AAH
MCP73831T-4ADI/MC
AAJ
MCP73831T-5ACI/MC
AAK
MCP73832T-2ACI/MC
AAL
MCP73832T-2ATI/MC
AAM
MCP73832T-2DCI/MC
AAP
MCP73832T-3ACI/MC
AAQ
MCP73832T-4ADI/MC
AAR
MCP73832T-5ACI/MC
AAS
Note: Applies to 8-Lead DFN
8-Lead DFN (2x3x0.9 mm)
Example
KD25
Device
Code
MCP73831T-2ACI/OT
KDNN
MCP73831T-2ATI/OT
KENN
MCP73831T-2DCI/OT
KFNN
MCP73831T-3ACI/OT
KGNN
MCP73831T-4ADI/OT
KHNN
MCP73831T-5ACI/OT
KJNN
MCP73832T-2ACI/OT
KKNN
MCP73832T-2ATI/OT
KLNN
MCP73832T-2DCI/OT
KMNN
MCP73832T-3ACI/OT
KPNN
MCP73832T-4ADI/OT
KQNN
MCP73832T-5ACI/OT
KRNN
MCP73832T-2DFI/OT
LUNN
Note: Applies to 5-Lead SOT-23
5-Lead SOT-23
XXNN
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free Compliant JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will be carried over
to the next line, thus limiting the number of available characters for customer-specific
information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28