| Moteur de recherche de fiches techniques de composants électroniques |
|
THS4140CD Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS4140CD Fiches technique(HTML) 3 Page - Texas Instruments |
|
3 / 24 page ![]() THS4140, THS4141 HIGHSPEED FULLY DIFFERENTIAL I/O AMPLIFIERS SLOS320E − MAY 2000 − REVISED JANUARY 2004 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics, VCC = ±5 V, RL = 800 Ω, TA = 25°C (unless otherwise noted)† dynamic performance PARAMETER TEST CONDITIONS MIN TYP MAX UNIT BW Small signal bandwidth (−3 dB) VCC = ±5 Gain = 1, Rf = 390 Ω 150 MHz BW Small signal bandwidth (−3 dB) VCC = ±15 Gain = 1, Rf = 390 Ω 160 MHz SR Slew rate (see Notes 1) Gain = 1 450 V/ µs ts Settling time to 0.1% Differential step Gain = 1 96 ns ts Settling time to 0.01% Differential step voltage = 2 VPP, Gain = 1 304 ns NOTE 4: Slew rate is measured from an output level range of 25% to 75%. † The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix. distortion performance PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Second harmonic distortion, differential in/differential out 1 MHz VO = 2 VPP −85 dB Second harmonic distortion, differential in/differential out 8 MHz VO = 2 VPP −65 dB Third harmonic distortion, differential in/differential out 1 MHz VO = 2 VPP −79 dB Third harmonic distortion, differential in/differential out 8 MHz VO = 2 VPP − 55.5 dB Total harmonic distortion Differential input, differential output VCC = 5 f = 1 MHz −78 THD Total harmonic distortion Differential input, differential output Gain = 1, Rf = 390 Ω, RL = 800 Ω VCC = ±5 f = 1 MHz −78 dB THD Gain = 1, Rf = 390 Ω, RL = 800 Ω VO = 2 VPP VCC = ±15 f = 1 MHz −79 dB Spurious free dynamic range (SFDR) −79 dB Intermodulation distortion 5 MHz −103 dBc Third-order intercept 20 MHz 37 dB † The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix. noise performance PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Vn Input voltage noise f = 10 kHz 6.5 nV/ √Hz In Input current noise f = 10 kHz 1.25 pA/ √Hz † The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix. dc performance PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Open loop gain TA = 25°C 63 67 dB Open loop gain TA = full range 60 dB Input offset voltage, differential TA = 25°C 1 7 VOS Input offset voltage, differential TA = full range 8.5 mV VOS Input offset voltage, referred to VOCM TA = 25°C 0.5 8 mV Offset drift TA = full range 7 µV/°C IIB Input bias current 5.1 15 µA IOS Input offset current TA = full range 0.1 1 µA Offset drift TA = full range 0.3 nA/ °C † The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix. |