Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM811TERC Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce TCM811TERC
Description  4-Pin Microcontroller Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM811TERC Fiches technique(HTML) 7 Page - Microchip Technology

Back Button TCM811TERC Datasheet HTML 3Page - Microchip Technology TCM811TERC Datasheet HTML 4Page - Microchip Technology TCM811TERC Datasheet HTML 5Page - Microchip Technology TCM811TERC Datasheet HTML 6Page - Microchip Technology TCM811TERC Datasheet HTML 7Page - Microchip Technology TCM811TERC Datasheet HTML 8Page - Microchip Technology TCM811TERC Datasheet HTML 9Page - Microchip Technology TCM811TERC Datasheet HTML 10Page - Microchip Technology TCM811TERC Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2002 Microchip Technology Inc.
DS21615B-page 7
TCM811/TCM812
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend: 1
Part Number + temperature range and voltage (two-digit code)
2
Part Number + temperature range and voltage (two-digit code)
3
Year and two-month period code
4
Lot ID number
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
4-Pin SOT-143
12
3
4
Part Number
(V)
Code
TCM811LERC
4.63
U1
TCM811MERC
4.38
U2
TCM811TERC
3.08
U3
TCM811SERC
2.93
U4
TCM811RERC
2.63
U5
TCM811FERC
1.75
U7
TCM812LERC
4.63
V1
TCM812MERC
4.38
V2
TCM812TERC
3.08
V3
TCM812SERC
2.93
V4
TCM812RERC
2.63
V5
TCM812FERC
1.75
V7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14