| Moteur de recherche de fiches techniques de composants électroniques |
|
MMBZ33VALT3G Fiches technique(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
MMBZ33VALT3G Fiches technique(HTML) 5 Page - ON Semiconductor |
|
5 / 8 page ![]() MMBZ5V6ALT1 Series http://onsemi.com 5 TYPICAL CHARACTERISTICS 0.1 1 10 100 1000 1 10 100 Power is defined as VRSM x IZ(pk) where VRSM is the clamping voltage at IZ(pk). PW, PULSE WIDTH (ms) UNIDIRECTIONAL RECTANGULAR WAVEFORM, TA = 25°C BIDIRECTIONAL MMBZ5V6ALT1 Figure 5. Pulse Waveform 100 50 0 01 2 3 4 t, TIME (ms) Figure 6. Pulse Derating Curve PULSE WIDTH (tP) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAYS TO 50% OF IPP. HALF VALUE − IPP 2 tP tr ≤ 10 ms PEAK VALUE − IPP 100 90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (°C) Figure 7. Maximum Non−repetitive Surge Power, Ppk versus PW Figure 8. Maximum Non−repetitive Surge Power, Ppk(NOM) versus PW 0.1 1 10 100 1000 1 10 100 PW, PULSE WIDTH (ms) UNIDIRECTIONAL RECTANGULAR WAVEFORM, TA = 25°C BIDIRECTIONAL MMBZ5V6ALT1 Power is defined as VZ(NOM) x IZ(pk) where VZ(NOM) is the nominal Zener voltage measured at the low test current used for voltage classification. |