| Moteur de recherche de fiches techniques de composants électroniques |
|
DM9161 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DM9161 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 47 page ![]() DM9161 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver Final 1 Version: DM9161-DS-F02 May 10,2002 1. General Description The DM9161 is a physical layer, single-chip, and low power transceiver for 100BASE-TX and 10BASE-T operations. On the media side, it provides a direct interface either to Unshielded Twisted Pair Category 5 Cable (UTP5) for 100BASE-TX Fast Ethernet, or UTP5/UTP3 Cable for 10BASE-T Ethernet. Through the Media Independent Interface (MII), the DM9161 connects to the Medium Access Control (MAC) layer, ensuring a high inter operability from different vendors. The DM9161 uses a low power and high performance CMOS process. It contains the entire physical layer functions of 100BASE-TX as defined by IEEE802.3u, including the Physical Coding Sublayer (PCS), Physical Medium Attachment (PMA), Twisted Pair Physical Medium Dependent Sublayer (TP-PMD), 10BASE-TX Encoder/Decoder (ENC/DEC), and Twisted Pair Media Access Unit (TPMAU). The DM9161 provides a strong support for the auto- negotiation function, utilizing automatic media speed and protocol selection. Furthermore, due to the built-in wave shaping filter, the DM9161 needs no external filter to transport signals to the media in 100BASE-TX or 10BASE-T Ethernet operation. 2. Block Diagram MII Management Control Biasing/ Power Block Clock Circuit Block 100Base-TX Transceiver LED Driver MII Interface MII Register 100Base-TX PCS 10Base-T TX/RX Module Auto-Negotiation |
Numéro de pièce similaire - DM9161 |
|
Description similaire - DM9161 |