| Moteur de recherche de fiches techniques de composants électroniques |
|
CS89712-CB Fiches technique(PDF) 19 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS89712-CB Fiches technique(HTML) 19 Page - Cirrus Logic |
|
19 / 170 page ![]() CS89712 DS502PP2 19 Interrupt Bit in INTMR1 and INTSR1 Name Comment FIQ 0 EXTFIQ External fast interrupt input (nEXTFIQ pin) FIQ 1 BLINT Battery low interrupt FIQ 2 WEINT Tick Watchdog expired interrupt FIQ 3 MCINT Media changed interrupt IRQ 4 CSINT Codec sound interrupt IRQ 5 EINT1 External interrupt input 1 (nEINT[1] pin) IRQ 6 EINT2 External interrupt input 2 (nEINT[2] pin) IRQ 8 TC1OI TC1 underflow interrupt IRQ 9 TC2OI TC2 underflow interrupt IRQ 10 RTCMI RTC compare match interrupt IRQ 11 TINT 64 Hz tick interrupt IRQ 12 UTXINT1 Internal UART1 transmit FIFO empty interrupt IRQ 13 URXINT1 Internal UART1 receive FIFO full interrupt IRQ 14 UMSINT Internal UART1 modem status changed interrupt IRQ 15 SSEOTI Synchronous serial interface 1 end of transfer interrupt Table 7. Interrupt Allocation in the First Interrupt Register Interrupt Bit in INTMR2 and INTSR2 Name Comment IRQ 0 KBDINT Key press interrupt IRQ 1 SS2RX Master / slave SSI 16 bytes received IRQ 2 SS2TX Master / slave SSI 16 bytes transmitted IRQ 12 UTXINT2 UART2 transmit FIFO empty interrupt IRQ 13 URXINT2 UART2 receive FIFO full interrupt Table 8. Interrupt Allocation in the Second Interrupt Register Interrupt Bit in INTMR3 and INTSR3 Name Comment FIQ 0 DAIINT DAI interface interrupt Table 9. Interrupt Allocation in the Third Interrupt Register |