Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP7542JS Fiches technique(PDF) 12 Page - Exar Corporation

No de pièce MP7542JS
Description  5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

MP7542JS Fiches technique(HTML) 12 Page - Exar Corporation

Back Button MP7542JS Datasheet HTML 4Page - Exar Corporation MP7542JS Datasheet HTML 5Page - Exar Corporation MP7542JS Datasheet HTML 6Page - Exar Corporation MP7542JS Datasheet HTML 7Page - Exar Corporation MP7542JS Datasheet HTML 8Page - Exar Corporation MP7542JS Datasheet HTML 9Page - Exar Corporation MP7542JS Datasheet HTML 10Page - Exar Corporation MP7542JS Datasheet HTML 11Page - Exar Corporation MP7542JS Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MP7542
12
Rev. 2.00
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to im-
prove design, performance or reliability. EXAR Corporation assumes no responsibility for the use of any circuits de-
scribed herein, conveys no license under any patent or other right, and makes no representation that the circuits are
free of patent infringement. Charts and schedules contains here in are only for illustration purposes and may vary
depending upon a user’s specific application. While the information in this publication has been carefully checked;
no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly
affect its safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation
receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the
user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circum-
stances.
Copyright EXAR Corporation
Datasheet April 1995
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12