Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MQQIC2 Fiches technique(PDF) 3 Page - MMD Components

No de pièce MQQIC2
Description  User Selectable Up to Four Frequencies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MMD [MMD Components]
Site Internet  http://www.mmdcomp.com
Logo MMD - MMD Components

MQQIC2 Fiches technique(HTML) 3 Page - MMD Components

  MQQIC2 Datasheet HTML 1Page - MMD Components MQQIC2 Datasheet HTML 2Page - MMD Components MQQIC2 Datasheet HTML 3Page - MMD Components MQQIC2 Datasheet HTML 4Page - MMD Components MQQIC2 Datasheet HTML 5Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
06/30/11 C
Subject to change without notice
Pg 3 of 5
Revision:
Mechanical Details
E X T E RN AL BYPASS C A PACITO R RE C O M M EN D E D
SU G G E ST ED
LA N D P A T T E R N
1.40 [.055]
D IM E N S IO N S IN B R A C K E T S A R E IN IN C H E S
5.20 [.205]
MA X
7.20 [.283]
MA X
2.00 [.079]
MA X
4
1.30 [.051]
3
2.54 [.100]
1.80 [.071]
2.00 [.079]
2.54 [.100]
2.40 [.094]
6
5
1
2
2.54 [.100]
2 .54 [.100]
4.20 [.165]
M XXXXX
S YYW W
XXXXX
PIN 1 IN D IC A T O R
D u al F req uency T ruth T a b le
Pin 2
C o rre sp onding Frequency
0Fre q u e n cy 1
1F re q u en cy 2
Q u ad F requ e ncy T ruth Table *
Pin 1
Pin 2
Corresp ond ing F req uency
'0 '
'0 '
F req uency 1
'0 '
'1 '
F req uency 2
'1 '
'0 '
F re q u en cy 3
'1 '
'1'
F req uency 4
P in Co nn ectio n s
Single F requency
Pin 1
S ee T ru th Tab le
Trista te
P in 2* *
S ee T ru th Tab le
No C o n n e ctio n
Pin 3
G round
G round
Pin 4
O u tp u t
O u tp u t
P in 5* * *
C o m p lim e n ta ry O u tp u t ONLY LVPECL & LVDS
C o m p lim e n ta ry O u tp u t ONLY LVPECL & LVDS
Pin 6
Supply V o lta g e
S u p ply V o lta g e
'0 ' = G N D
'1 ' = V d d
* N o trista te w ith 4 F re q u en cy O p tio n
* *T ristate O p tio n A vaila b le
*** C M O S is N o C o n n ectio n
Typical Phase Noise
Offset Frequency
CMOS
70.000MHZ
LVPECL/LVDS
160.000MHZ
LVPECL/LVDS
622.000MHZ
100Hz
-88dBc/Hz
-85dBc/Hz
-80dBc/Hz
1KHz
-115dBc/Hz
-100dBc/Hz
-97dBc/Hz
10KHz
-120dBc/Hz
-115dBc/Hz
-117dBc/Hz
100KHz
-125dBc/Hz
-118dBc/Hz
-128dBc/Hz
1MHz
-130dBc/Hz
-128dBc/Hz
-138dBc/Hz
10MHz
-145dBc/Hz
-145dBc/Hz
-145dBc/Hz



Html Pages

1 2 3 4 5