Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY28158PVC Fiches technique(PDF) 8 Page - Cypress Semiconductor

No de pièce CY28158PVC
Description  Spread Spectrum Timing Solution for Serverworks Chipset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28158PVC Fiches technique(HTML) 8 Page - Cypress Semiconductor

Back Button CY28158PVC Datasheet HTML 2Page - Cypress Semiconductor CY28158PVC Datasheet HTML 3Page - Cypress Semiconductor CY28158PVC Datasheet HTML 4Page - Cypress Semiconductor CY28158PVC Datasheet HTML 5Page - Cypress Semiconductor CY28158PVC Datasheet HTML 6Page - Cypress Semiconductor CY28158PVC Datasheet HTML 7Page - Cypress Semiconductor CY28158PVC Datasheet HTML 8Page - Cypress Semiconductor CY28158PVC Datasheet HTML 9Page - Cypress Semiconductor CY28158PVC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY28158
Document #: 38-07039 Rev. *B
Page 8 of 10
Switching Waveforms (continued)
PCI_STOP#
CPU
(Internal)
PCI
(Internal)
PCI_F
PCI_STOP#
PCI
(External)
(Free-Running)
PWR_DWN#
CPU
(Internal)
PCI
(Internal)
PWR_DWN#
PCI
CPU
(External)
(External)
VCO
Crystal
Shaded section on the VCO and Crystal waveforms indicates that the VCO and crystal oscillator are active, and there is a valid clock.
Test Circuit
Note: All capacitors must be placed as close to the pins as is physically possible.
1, 7, 8, 13, 19, 20, 21, 24, 29, 40, 44, 48, 52
4, 10, 16, 17, 22, 23, 27, 31, 39
VDD_PCI, VDD_3V66,
CLOAD
OUTPUTS
VDD_CPU,
CY28158
43, 47, 51, 56
Note: Each supply pin must have an individual decoupling capacitor on test circuit at 0.1
µF.
VDD_48MHZ, VDD_REF,
VDD_IOAPIC
VDDA
Ordering Information
Ordering Code
Package Name
Package Type
Operating Range
CY28158PVC
O56
56-Pin SSOP
Commercial
CY28158PVCT
O56
56-Pin SSOP- Tape and Reel
Commercial
Lead Free
CY28158OXC
O56
56-Pin SSOP
Commercial
CY28158OXCT
O56
56-Pin SSOP- Tape and Reel
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10