Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM54C192N Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce MM54C192N
Description  Synchronous 4-Bit Up/Down Decade Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C192N Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  MM54C192N Datasheet HTML 1Page - National Semiconductor (TI) MM54C192N Datasheet HTML 2Page - National Semiconductor (TI) MM54C192N Datasheet HTML 3Page - National Semiconductor (TI) MM54C192N Datasheet HTML 4Page - National Semiconductor (TI) MM54C192N Datasheet HTML 5Page - National Semiconductor (TI) MM54C192N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Timing Diagrams
MM54C192MM74C192
TLF5901 – 4
Note 1
Clear ouptuts to zero
Note 2
Load (preset) to binary thirteen
Note 3
Count up to fourteen fifteen carry zero one and two
Note 4
Count down to one zero borrow fifteen fourteen and thirteen
MM54C193MM74C193
TLF5901 – 5
Note 1
Clear ouptuts to zero
Note 2
Load (preset) to BCD seven
Note 3
Count up to eight nine carry zero one and two
Note 4
Count down to one zero borrow nine eight and seven
Note A
Clear overrides load data and count inputs
Note B
When counting up count down input must be high when counting down count-up input must be high
4



Html Pages

1 2 3 4 5 6