Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI2007 Fiches technique(PDF) 16 Page - Vicor Corporation

No de pièce PI2007
Description  Universal High Side Active ORing Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2007 Fiches technique(HTML) 16 Page - Vicor Corporation

Back Button PI2007 Datasheet HTML 11Page - Vicor Corporation PI2007 Datasheet HTML 12Page - Vicor Corporation PI2007 Datasheet HTML 13Page - Vicor Corporation PI2007 Datasheet HTML 14Page - Vicor Corporation PI2007 Datasheet HTML 15Page - Vicor Corporation PI2007 Datasheet HTML 16Page - Vicor Corporation PI2007 Datasheet HTML 17Page - Vicor Corporation PI2007 Datasheet HTML 18Page - Vicor Corporation PI2007 Datasheet HTML 19Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Picor Corporation • picorpower.com
PI2007
Rev 1.3
Page 16 of 19
High and Low Side Active ORing for the Same
Source:
PI2007
and
Picor
PI2003
controllers
can
be
configured to meet ATCA application that requires low
and high side ORing as shown in Figure 20.
See
PICOR Application Notes for more details of the
design procedure for this application.
Figure 20: PI2007 and PI2003 configured for a combined high and low side ORing application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19