| Moteur de recherche de fiches techniques de composants électroniques |
|
MLX90308CCCUD Fiches technique(PDF) 24 Page - Micro Electronics |
|
|
|||||||||||||||||||||||||||||
MLX90308CCCUD Fiches technique(HTML) 24 Page - Micro Electronics |
|
24 / 26 page ![]() MLX90308CCC Programmable Sensor Interface MLX90308CCC Programmable Sensor Interface Page 24 Rev 2.2 23/Oct/01 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 IO1 IO2 TSTB FLT OFC VBN VBP TMP COMS GND CMN CMO VMO VDD1 FET VDD G S D External FET for Regulation Pressure Sensor Oil Pressure (psi) Communication s GND Signal Out V + Programmable Oil Pressure Gauge This application example illustrates a fundamental application of the MLX90308 and a bridge type pressure sensor element. In this application, the MLX90308 uses an external FET as a pass transistor to regulate the voltage to the sensor and the analog portion of the IC. This is known as Absolute Voltage Mode, where voltage to the sensor and analog circuit is regulated independent of the supply voltage. The MLX90308 can be operated in Ratiometric Voltage Mode, in which the output (VMO) is tied to an A/D converter sharing the same supply and ground reference. A third wiring option is Current Mode, which allows the user a 4 to 20 milliampere current range to use as a 2-wire analog sensor. Communications Signal Out GND V+ Figure 10. Application Example Figure 10a. Programmable Oil Pressure Gauge Figure 10b. Programmable Oil Pressure Gauge Electrical Connections |