Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PFC Fiches technique(PDF) 2 Page - Riedon Powertron

No de pièce PFC
Description  Thick Film Power SMD Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RIEDON [Riedon Powertron]
Site Internet  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PFC Fiches technique(HTML) 2 Page - Riedon Powertron

  PFC Datasheet HTML 1Page - Riedon Powertron PFC Datasheet HTML 2Page - Riedon Powertron PFC Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
5/16
DIMENSIONS
PFC Series
Thick Film Power SMD Resistors
Dimension
mm
tol.
(±mm)
inches
tol.
(±inches)
A
8.2
0.2
0.323
0.008
B
12.0
0.2
0.472
0.008
C
1.0
0.05
0.039
0.002
D
5.08
0.1
0.200
0.004
E
0.75
0.05
0.030
0.002
F
1.8
0.05
0.070
0.002
G
8.5
-
0.335
-
H
8.8
-
0.346
-
I
14.1
-
0.555
-
J
5.08
-
0.200
-
K
2.0
-
0.079
-
L
3.8
-
0.150
-
Note: Back solder pad is isolated from both pins.
CHIP CONSTRUCTION (EXPLODED VIEW)
A
C
H
I
L
G
J
D
E
B
F
K
Solder Pad Layout



Html Pages

1 2 3