Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-5EMP Fiches technique(PDF) 6 Page - Copal Electronics

No de pièce ST-5EMP
Description  SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ST-5EMP Fiches technique(HTML) 6 Page - Copal Electronics

  ST-5EMP Datasheet HTML 1Page - Copal Electronics ST-5EMP Datasheet HTML 2Page - Copal Electronics ST-5EMP Datasheet HTML 3Page - Copal Electronics ST-5EMP Datasheet HTML 4Page - Copal Electronics ST-5EMP Datasheet HTML 5Page - Copal Electronics ST-5EMP Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ST-5
SURFACE MOUNT TRIMMERS
<Magazine packaging specifications>
Magazine is packed 50 pcs. per stick.
Orders will be accepted for units of 50 pcs., i.e., 50, 100,
150 pcs., etc.
Magazines are packed 2000 pcs. per box.
<Bulk pack specifications>
Unit of bulk in a plastic bag is 50 pcs. per pack.
Boxing of bulk in a plastic bag is performed with 200
pcs. per box.
Magazine dimensions
(Unit: mm)
31
Stopper
3802
31
8.5
Installation example (ST-5EW)



Html Pages

1 2 3 4 5 6