| Moteur de recherche de fiches techniques de composants électroniques |
|
ST-5EX Fiches technique(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
ST-5EX Fiches technique(HTML) 1 Page - Copal Electronics |
|
1 / 6 page ![]() 1 2 3 4 5 6 7 9 !0 8 ST-5 RoHS compliant Precise adjustment is possible Automatic mounting is possible (Taping) Flow/reflow soldering is possible Sealed construction (Washable: Refer to page 750.) ■ FEATURES Part name Material Flammability 1 2 3 4 5 6 7 8 9 !0 Wiper Shaft Housing Terminal pin Base element Resistive element Rubber cushion Rotor gear Electrode Adhesive Polyphenylenesulphide Brass, Nickel-plated Copper, Tin-plated UL94V-0 Ceramic — Ag-Pd cermet RuO2 cermet UL94HB Multi metal alloy Epoxy Silicone rubber Polyamide INTERNAL STRUCTURE ■ PART NUMBER DESIGNATION ※Please refer to the LIST OF PART NUMBERS when placing orders. S T - 5 E T W 5 0 0 Ω ( 5 0 1 ) Series name Form of packaging T :Taping (Reel) M :Magazine (Stick) Blank :Bulk in plastic bag Terminal pin E :Sn (Lead-free) Resistance code Resistance value Product shape (Shape of terminal) W :Gull wing (Top adjustment) X :Gull wing (Side adjustment) P :Gull wing (Side adjustment) R :Gull wing (Side adjustment) SURFACE MOUNT CERMET TRIMMERS (14 TURNS) RoHS compliant |
Numéro de pièce similaire - ST-5EX |
|
Description similaire - ST-5EX |