| Moteur de recherche de fiches techniques de composants électroniques |
|
74LX1G07CTR Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74LX1G07CTR Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() 74LX1G07 2/10 INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE Z: High Impedance ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. PIN N° SYMBOL NAME AND FUNCTION 1 NC Not Connected 2 1A Data Input 4 1Y Data Output 3 GND Ground (0V) 5 VCC Positive Supply Voltage AY LL HZ Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7.0 V VI DC Input Voltage -0.5 to +7.0 V VO DC Output Voltage (VCC =0V) -0.5 to +7.0 V VO DC Output Voltage (High or Low State) (note 1) -0.5 to VCC +0.5 V IIK DC Input Diode Current -50 mA IOK DC Output Diode Current (note 2) -50 mA IO DC Output Current ± 50 mA ICC DC Supply Current per Supply Pin ± 100 mA IGND DC Ground Current per Supply Pin ± 100 mA Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C |