Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PST22 Fiches technique(PDF) 8 Page - Power System Technology

No de pièce PST22
Description  Standard product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PST [Power System Technology]
Site Internet  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST22 Fiches technique(HTML) 8 Page - Power System Technology

Back Button PST22 Datasheet HTML 3Page - Power System Technology PST22 Datasheet HTML 4Page - Power System Technology PST22 Datasheet HTML 5Page - Power System Technology PST22 Datasheet HTML 6Page - Power System Technology PST22 Datasheet HTML 7Page - Power System Technology PST22 Datasheet HTML 8Page - Power System Technology PST22 Datasheet HTML 9Page - Power System Technology PST22 Datasheet HTML 10Page - Power System Technology PST22 Datasheet HTML 11Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PST22 Rev. 01
Page 8 of 11
www.powersystemtechnology.com
Connector Pin Alloca�on
Ref : 05H15MGWVZ32/K1 - 2E ROLF HILLER
DIN 41612 Male H15 - Short version
PIN
4
Vo1+
Output 1+
6
Vo2+
Output 2+
8
Vo1-
Output 1-
10
Vo2-
Output 2-
12
S1+
Output 1 Sense +
14
S1-
Output 1 Sense -
16
NC
No connection
18
Vo3+
Output 3+
20
Vo3-
Output 3-
22
Out OK-
Output good collector
24
Out OK+
Output good emitter
26
Ground
Ground
28
Inhibit
Inhibit
30
VI+
Input +
32
VI-
Input -
Description
Safety and Installa�ons Instruc�ons



Html Pages

1 2 3 4 5 6 7 8 9 10 11