| Moteur de recherche de fiches techniques de composants électroniques |
|
F15F6F Fiches technique(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
|
|
|||||||||||||||||||||||||||||
F15F6F Fiches technique(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
|
1 / 5 page ![]() Technical Data Green Products Data Sheet N1743, Rev. - China - Germany - Korea - Singapore - United States http://www.smc-diodes.com - sales@ smc-diodes.com FTB1F-15F THRU FTB10F-15F FTB1F-15F THRU FTB10F-15F 1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Features: Glass Passivated Chip Junction Reverse Voltage - 100 to 1000 V Forward Current - 1.5 A Designed for Surface Mount Application Fast reverse recovery time This is a Halogen Free Device All SMC parts are traceable to the wafer lot Additional testing can be offered upon request Mechanical Data: Case: ABF Terminals: Solderable per MIL-STD-750, Method 2026 Weight: 82 mg Mechanical Dimensions: In mm/mil ABF PIN DESCRIPTION 1 Input Pin(~) 2 Input Pin(~) 3 Output Anode(+) 4 Output Cathode(-) |
Numéro de pièce similaire - F15F6F |
|
Description similaire - F15F6F |