| Moteur de recherche de fiches techniques de composants électroniques |
|
RS3-309S-R15 Fiches technique(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
RS3-309S-R15 Fiches technique(HTML) 1 Page - Copal Electronics |
|
1 / 5 page ![]() ■ FEATURES O RoHS compliant O P.C.B. mounted, compact size and DIP compatible O Protection by“O”ring (contact block) against dust and for cleaning after soldering O Precious metal alloy wiping type contacts provide a long life (50000 revolutions at no load) and high reliability. (In house comparison) O Both shorting and non-shorting types are available Part name ① ② ③ ④ ⑤ ⑥ Rotor Stopper pin Shaft Linking pin Stopper ring “O” ring Stopper pin holder Material Flammability UL94HB — UL94HB — Silicone rubber Copper alloy, Nickel-plated Copper alloy, Nickel-plated Nickel-plated POM (Polyoxymethylene) Copper alloy ⑦ Click gear PA (Polyamide) POM(Polyoxymethylene) ⑧ Click plate ⑨ Click spring SWPA (Piano wire) ⑩ Contact spring Multi metal alloy Copper alloy, Gold-plated ⑪ Terminal pin UL94HB ⑫ PBT (Polybutyleneterephthalate) ⑬ Cover ⑭ Housing INTERNAL STRUCTURE The DIP-TYPE ROTARY SELECTOR SWITCHES RS/RG series listed here are standard versions, but our production will be made upon receipt of your orders. RS/RG ROTARY SELECTOR SWITCHES ① ② ③ ④ ⑤ ⑥ ⑬ ⑦ ⑧ ⑨ ⑩ ⑪ ⑬ ⑫ ⑭ RoHS compliant |
Numéro de pièce similaire - RS3-309S-R15 |
|
Description similaire - RS3-309S-R15 |