Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRT8001IP Fiches technique(PDF) 35 Page - Exar Corporation

No de pièce XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Fiches technique(HTML) 35 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 31Page - Exar Corporation XRT8001IP Datasheet HTML 32Page - Exar Corporation XRT8001IP Datasheet HTML 33Page - Exar Corporation XRT8001IP Datasheet HTML 34Page - Exar Corporation XRT8001IP Datasheet HTML 35Page - Exar Corporation XRT8001IP Datasheet HTML 36Page - Exar Corporation XRT8001IP Datasheet HTML 37Page - Exar Corporation XRT8001IP Datasheet HTML 38Page - Exar Corporation XRT8001IP Datasheet HTML 39Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
XRT8001
35
Rev. 1.01
7.0 Phase Relationship Between SYNC and CLK1 0r
CLK2
Table 11, presents information on the delay between
the rising edge of SYNC and CLK1 or CLK2 output
signals. It is important to Note that this delay behaves
as a function of the settings within the CR3 register.
t Values (nS)
SEL14~SEL10
K
Kx56 MODE
Kx64 MODE
00000
1
372
326
00001
2
372
326
00010
3
372
326
00011
4
372
326
00100
5
446
391
00101
6
372
326
00110
7
319
279
00111
8
279
244
01000
9
496
434
01001
10
446
301
01010
11
406
355
01011
12
372
326
01100
13
343
301
01101
14
319
279
01110
15
298
260
01111
16
279
244
10000
17
525
460
10001
18
496
434
10010
19
470
411
10011
20
446
391
10100
21
425
372
10101
22
406
355
10110
23
388
340
10111
24
372
326
11000
25
357
312
11001
26
343
301
11010
27
331
289
11011
28
319
279
11100
29
308
279
11101
30
298
260
11110
31
288
252
11111
32
279
244
Note:
This table only applies when the XRT8001 is configured
to operate in the "Forward/Master" or "Forward/Slave"
Modes.
Table 11. Delay Time Between SYNC and CLK1 or CLK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48