| Moteur de recherche de fiches techniques de composants électroniques |
|
RES Fiches technique(PDF) 4 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
RES Fiches technique(HTML) 4 Page - Copal Electronics |
|
4 / 6 page ![]() 7 M9 P = 0.75 AWG26 15 6.5 1.5 (23) 18 max. q W 0.8 = D 1.2 10.3 q 20 q 3. Stopper 2.8 2.5 0.5 7 15 6.5 1.5 (23) 23 max. 10 M9 P = 0.75 AWG26 q 2. Washer 0.5 1 9.4 12.9 φ φ M 9 P = 0.75 12 1. Nut 2 M 9 P = 0.75 1.2 15 23 6.5 1.5 15 max. (38) 6 2.5 1 Connector B4P ・SHF・1AA VB A O 9 max. ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance: ± 0.4 (Unit: mm) REC/RES OPTICAL ENCODERS O REC20 (With click) O REC20C (With click) (Without click) < Accessories > O RES20/RES20-Z (Without click) |