Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TN2540N3-GP014 Fiches technique(PDF) 3 Page - Supertex, Inc

No de pièce TN2540N3-GP014
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUTEX [Supertex, Inc]
Site Internet  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2540N3-GP014 Fiches technique(HTML) 3 Page - Supertex, Inc

  TN2540N3-GP014 Datasheet HTML 1Page - Supertex, Inc TN2540N3-GP014 Datasheet HTML 2Page - Supertex, Inc TN2540N3-GP014 Datasheet HTML 3Page - Supertex, Inc TN2540N3-GP014 Datasheet HTML 4Page - Supertex, Inc TN2540N3-GP014 Datasheet HTML 5Page - Supertex, Inc TN2540N3-GP014 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-TN2540
A062113
TN2540
Typical Performance Curves
V
DS (volts)
Output Characteristics
0
10
20
30
40
50
2.0
1.6
1.2
0.8
0.4
0
Saturation Characteristics
V
DS (volts)
5.0V
4.0V
3.0V
0246
810
0.0
0.2
0.4
0.6
0.8
1.0
V
GS = 10V
Power Dissipation vs. Ambient Temperature
T
A (
O
C)
0
25
50
75
100
125
150
2.0
1.0
0
TO-243AA
Thermal Response Characteristics
t
p (seconds)
TO-243AA
P
D = 1.6W
T
C = 25
O
C
1.0
0.8
0.6
0.4
0.2
0
0.001
0.01
0.1
1.0
10
Maximum Rated Safe Operating Area
V
DS (volts)
0.1
1.0
10
100
10
1.0
0.1
0.01
0.001
TO-243AA(DC)
TO-92(DC)
TO-243AA(pulsed)
TO-92(DC)
I
D (amperes)
Transconductance vs. Drain Current
0.0
0.2
0.4
0.6
1.0
0.0
0.2
0.4
0.6
0.8
1.0
V
DS =15V
125OC
0.8
T
A = -55
O
C
25OC
6.0V
8.0V
5V
4V
3V
8V
V
GS = 10V
6V



Html Pages

1 2 3 4 5 6