| Moteur de recherche de fiches techniques de composants électroniques |
|
TP2635 Fiches technique(PDF) 5 Page - Supertex, Inc |
|
|
|||||||||||||||||||||||||||||
TP2635 Fiches technique(HTML) 5 Page - Supertex, Inc |
|
5 / 5 page ![]() Supertex inc. does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com) ©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited. Supertex inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com 5 TP2635 (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to http://www.supertex.com/packaging.html.) Doc.# DSFP-TP2635 B081613 3-Lead TO-92 Package Outline (N3) Symbol A b c D E E1 e e1 L Dimensions (inches) MIN .170 .014† .014† .175 .125 .080 .095 .045 .500 NOM - - - - - - - - - MAX .210 .022† .022† .205 .165 .105 .105 .055 .610* JEDEC Registration TO-92. * This dimension is not specified in the JEDEC drawing. † This dimension differs from the JEDEC drawing. Drawings not to scale. Supertex Doc.#: DSPD-3TO92N3, Version E041009. Seating Plane 1 2 3 Front View Side View Bottom View E1 E D e1 L e c 1 2 3 b A |