Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP05 Fiches technique(PDF) 24 Page - Analog Devices

No de pièce TMP05
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

TMP05 Fiches technique(HTML) 24 Page - Analog Devices

Back Button TMP05 Datasheet HTML 20Page - Analog Devices TMP05 Datasheet HTML 21Page - Analog Devices TMP05 Datasheet HTML 22Page - Analog Devices TMP05 Datasheet HTML 23Page - Analog Devices TMP05 Datasheet HTML 24Page - Analog Devices TMP05 Datasheet HTML 25Page - Analog Devices TMP05 Datasheet HTML 26Page - Analog Devices TMP05 Datasheet HTML 27Page - Analog Devices TMP05 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 24 of 28
do{
wait_for_high();
set_timer1(0);
//Reset timer
wait_for_low();
high_time = get_timer1();
set_timer1(0);
//Reset timer
wait_for_high();
low_time = get_timer1();
temp = 421 – ((751 * high_time)/low_time));
//Temperature equation for the high state
//conversion rate.
//Temperature value stored in temp as a long int
}while (TRUE);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28