| Moteur de recherche de fiches techniques de composants électroniques |
|
CAT5259WI00 Fiches technique(PDF) 10 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT5259WI00 Fiches technique(HTML) 10 Page - ON Semiconductor |
|
10 / 15 page ![]() CAT5259 http://onsemi.com 10 The basic sequence of the three byte instructions is illustrated in Figure 11. These three-byte instructions exchange data between the WCR and one of the Data Registers. The WCR controls the position of the wiper. The response of the wiper to this action will be delayed by tWR. A transfer from the WCR (current wiper position), to a Data Register is a write to non-volatile memory and takes a minimum of tWR to complete. The transfer can occur between one of the four potentiometers and one of its associated registers; or the transfer can occur between all potentiometers and one associated register. Four instructions require a two-byte sequence to complete, as illustrated in Figure 10. These instructions transfer data between the host/processor and the CAT5259; either between the host and one of the data registers or directly between the host and the Wiper Control Register. These instructions are: XFR Data Register to Wiper Control Register This transfers the contents of one specified Data Register to the associated Wiper Control Register. XFR Wiper Control Register to Data Register This transfers the contents of the specified Wiper Control Register to the specified associated Data Register. Gang XFR Data Register to Wiper Control Register This transfers the contents of all specified Data Registers to the associated Wiper Control Registers. Gang XFR Wiper Counter Register to Data Register This transfers the contents of all Wiper Control Registers to the specified associated Data Registers. Increment/Decrement Command The final command is Increment/Decrement (Figures 12 and 13). The Increment/Decrement command is different from the other commands. Once the command is issued and the CAT5259 has responded with an acknowledge, the master can clock the selected wiper up and/or down in one segment steps; thereby providing a fine tuning capability to the host. For each SCL clock pulse (tHIGH) while SDA is HIGH, the selected wiper will move one resistor segment towards the RH terminal. Similarly, for each SCL clock pulse while SDA is LOW, the selected wiper will move one resistor segment towards the RL terminal. See Instructions format for more detail. Figure 10. Two-byte Instruction Sequence S T A R T 01 0 1 A2 A0 A C K I2 I1 I0 R1 R0 P1 A C K SDA S T O P ID3 ID2 ID1 ID0 P0 Device ID Internal Instruction Opcode Address Register Address Pot/WCR Address A1 A3 I3 Figure 11. Three-byte Instruction Sequence I3 I2 I1 I0 R1 R0 ID3 ID2 ID1 ID0 Device ID Internal Instruction Opcode Address Data Register Address Pot/WCR Address WCR[7:0] or Data Register D[7:0] S T A R T 01 0 1 A2 A1 A0 A C K P1 P0 A C K SDA S T O P A C K D7 D6 D5 D4 D3 D2 D1 D0 A3 Figure 12. Increment/Decrement Instruction Sequence I3 I2 I1 I0 ID3 ID2 ID1 ID0 Device ID Internal Instruction Opcode Address Data Register Address Pot/WCR Address S T A R T 0101 A2 A1 A0 A C K R0 P1 P0 A C K SDA S T O P I N C 1 I N C 2 I N C n D E C 1 D E C n R1 A3 |