Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT5259 Fiches technique(PDF) 13 Page - ON Semiconductor

No de pièce CAT5259
Description  Quad Digital Potentiometer (POT)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259 Fiches technique(HTML) 13 Page - ON Semiconductor

Back Button CAT5259 Datasheet HTML 7Page - ON Semiconductor CAT5259 Datasheet HTML 8Page - ON Semiconductor CAT5259 Datasheet HTML 9Page - ON Semiconductor CAT5259 Datasheet HTML 10Page - ON Semiconductor CAT5259 Datasheet HTML 11Page - ON Semiconductor CAT5259 Datasheet HTML 12Page - ON Semiconductor CAT5259 Datasheet HTML 13Page - ON Semiconductor CAT5259 Datasheet HTML 14Page - ON Semiconductor CAT5259 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CAT5259
http://onsemi.com
13
Table 23. ORDERING INFORMATION
Orderable Part Number
Resistance (kW)
Lead Finish
Package
Shipping†
CAT5259WI−50−T1
50
Matte−Tin
SOIC
(Pb−Free)
1000 / Tape & Reel
CAT5259WI−00−T1
100
CAT5259YI−50−T2
50
TSSOP
(Pb−Free)
2000 / Tape & Reel
CAT5259YI−00−T2
100
CAT5259WI50
50
SOIC
(Pb−Free)
31 Units / Tube
CAT5259WI00
100
CAT5259YI50
50
TSSOP
(Pb−Free)
62 Units / Tube
CAT5259YI00
100
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
12.For detailed information and a breakdown of device nomenclature and numbering systems, please see the ON Semiconductor Device
Nomenclature document, TND310/D, available at www.onsemi.com.
13.All packages are RoHS-compliant (Lead-Free, Halogen-Free).
14.The standard lead finish is Matte-Tin.
15.For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15