| Moteur de recherche de fiches techniques de composants électroniques |
|
CS8415A-CS Fiches technique(PDF) 4 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8415A-CS Fiches technique(HTML) 4 Page - Cirrus Logic |
|
4 / 42 page ![]() CS8415A 4 LIST OF TABLES Table 1. Control Register Map Summary ...................................................................................... 19 Table 2. Equivalent Software Mode Bit Definitions ....................................................................... 30 Table 3. Hardware Mode Start-up Options.................................................................................... 30 Table 4. External PLL Component Values .................................................................................... 42 LIST OF FIGURES Figure 1. Audio Port Master Mode Timing....................................................................................... 7 Figure 2. Audio Port Slave Mode and Data Input Timing ................................................................ 7 Figure 3. SPI Mode Timing.............................................................................................................. 8 Figure 4. I2C Mode timing ............................................................................................................... 9 Figure 5. Recommended Connection Diagram for Software Mode............................................... 10 Figure 6. Serial Audio Output Example Formats........................................................................... 13 Figure 7. AES3 Receiver Timing for C & U pin output data .......................................................... 16 Figure 8. Control Port Timing in SPI Mode.................................................................................... 17 Figure 9. Control Port Timing in I2C Mode.................................................................................... 18 Figure 9. Hardware Mode.............................................................................................................. 30 Figure 10. Professional Input Circuit ............................................................................................. 36 Figure 11. Transformerless Professional Input Circuit .................................................................. 36 Figure 12. Consumer Input Circuit ................................................................................................ 37 Figure 13. S/PDIF MUX Input Circuit ............................................................................................ 37 Figure 14. TTL/CMOS Input Circuit...............................................................................................37 Figure 15. Channel Status Data Buffer Structure.......................................................................... 38 Figure 16. Flowchart for Reading the E Buffer .............................................................................. 38 Figure 17. PLL Block Diagram ...................................................................................................... 40 Figure 18. Recommended Layout Example .................................................................................. 41 Figure 19. Jitter Attenuation Characteristics of PLL with Fs=32 to 96 kHz Filter Components ..... 42 |