| Moteur de recherche de fiches techniques de composants électroniques |
|
COMMANDEXPERT Fiches technique(PDF) 4 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
COMMANDEXPERT Fiches technique(HTML) 4 Page - Keysight Technologies |
|
4 / 9 page ![]() 04 | Keysight | Command Expert - Data Sheet Prototype command sequences with ease. Connect to the instruments through any I/O interface, and begin executing sequences of commands. Verify the sequence of commands before integrating into other programs. Work in Simulation Mode if hardware is not available. An IO Monitor log file can be used as a data source for instrument simulation. Once hardware is available, run the commands and confirm the actual results. Import Commands into Command Expert to create a sequence using an imported file. The two types of files that can be imported are: 1. A text file (.txt) that contains SCPI commands. The SCPI commands can also be imported from a document or an instrument web page. 2. An IO Monitor log file (.xml created by Keysight IO Monitor. Keysight IO Monitor is part of the Keysight IO Libraries Suite). Faster Time to Measurements |